Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA93/27 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA93/27
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA93/27 Datasheet(HTML) 5 Page - Cirrus Logic

  PA93/27 Datasheet HTML 1Page - Cirrus Logic PA93/27 Datasheet HTML 2Page - Cirrus Logic PA93/27 Datasheet HTML 3Page - Cirrus Logic PA93/27 Datasheet HTML 4Page - Cirrus Logic PA93/27 Datasheet HTML 5Page - Cirrus Logic PA93/27 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PA93/27U
5
P r o d u c t I n n o v a t i o n F r o m
PA93/27
PHASE COMPENSATION
GAIN
C
C*
R
C
≥1
220pF
100Ω
≥2
100pF
100Ω
≥4
47pF
≥17
10pF
*C
C
Nevertobe<10pF.C
Ctoberatedforthefullsupplyvoltage+VSto-VS.UseceramicNPO(COG)type.
GENERAL
PleasereadApplicationNote1"GeneralOperatingConsiderations"whichcoversstability,supplies,heatsinking,
mounting,currentlimit,SOAinterpretation,andspecificationinterpretation.Visitwww.cirrus.comfordesigntools
thathelpautomatetaskssuchascalculationsforstability,internalpowerdissipation,currentlimit;heatsinkselec-
tion;Apex’scompleteApplicationNoteslibrary;TechnicalSeminarWorkbook;andEvaluationKits.
CURRENT LIMIT
Forproperoperation,thecurrentlimitresistor(R
CL)mustbeconnectedasshownintheexternalconnectiondia-
gram.Foroptimumreliabilitytheresistorvalueshouldbesetashighaspossible.Thevalueiscalculatedasfollows;
withthemaximumpracticalvalueof16ohms.
.65
R
CL=
I
LIM
SAFE OPERATING AREA (SOA)
TheMOSFEToutputstageofthispoweroperationalam-
plifierhastwodistinctlimitations:
1. The current handling capability of the MOSFET ge-
ometryandthewirebonds.
2. ThejunctiontemperatureoftheoutputMOSFETs.
NOTE:The output stage is protected against transient
flyback.However,forprotectionagainstsustained,high
energyflyback,externalfast-recoverydiodesshouldbe
used.
SAFE OPERATING CURVES
Thesafeoperatingareacurvesdefinethemaximumad-
ditionalinternalpowerdissipationtheamplifiercantoler-
atewhenitproducesthenecessaryoutputtodrivean
externalload.
INPUT PROTECTION
AlthoughthePA93/27canwithstanddifferentialvoltages
upto±20V,additionalexternalprotectionisrecommend-
ed.Lowleakage,lowcapacitanceJFETsconnectedas
diodesarerecommended(e.g.2N4416,Q1-Q4inFigure2).Thedifferentialinputvoltagewillbeclampedto±1.4V.
Thisissufficientoverdrivetoproducemaximumpowerbandwidth.
SUPPLY TO OUTPUT DIFFERENTIAL, V
S – VO (V)
10
20
30 40
100
200 300
500
.1
.08
.06
.6
.4
.3
.2
.8
3
2
1
4
6
8
20
10
DC,T
C
= 125C
100mS
60 80
200mS
DC, T
C = 25C
DC,T
C
= 85C
SOA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com