Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJC06PB101K Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # RJC06PB101K
Description  1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC06PB101K Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  RJC06PB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC06PB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC06PB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC06PB101K Datasheet HTML 4Page - TOCOSAMERICA, INC. RJC06PB101K Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
43
RJC06W Through-Hole, W Terminal Style, Single-Slot, Top Adjust
RJC06W B 100 K
RJC06W B 200 K
RJC06W B 500 K
RJC06W B 101 K
RJC06W B 201 K
RJC06W B 501 K
RJC06W B 102 K
RJC06W B 202 K
RJC06W B 502 K
RJC06W B 103 K
RJC06W B 203 K
RJC06W B 503 K
RJC06W B 104 K
RJC06W B 204 K
RJC06W B 504 K
RJC06W B 105 K
RJC06W B 100 M
RJC06W B 200 M
RJC06W B 500 M
RJC06W B 101 M
RJC06W B 201 M
RJC06W B 501 M
RJC06W B 102 M
RJC06W B 202 M
RJC06W B 502 M
RJC06W B 103 M
RJC06W B 203 M
RJC06W B 503 M
RJC06W B 104 M
RJC06W B 204 M
RJC06W B 504 M
RJC06W B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC06S Through-Hole, S Terminal Style, Single-Slot, Side Adjust
RJC06S B 100 K
RJC06S B 200 K
RJC06S B 500 K
RJC06S B 101 K
RJC06S B 201 K
RJC06S B 501 K
RJC06S B 102 K
RJC06S B 202 K
RJC06S B 502 K
RJC06S B 103 K
RJC06S B 203 K
RJC06S B 503 K
RJC06S B 104 K
RJC06S B 204 K
RJC06S B 504 K
RJC06S B 105 K
RJC06S B 100 M
RJC06S B 200 M
RJC06S B 500 M
RJC06S B 101 M
RJC06S B 201 M
RJC06S B 501 M
RJC06S B 102 M
RJC06S B 202 M
RJC06S B 502 M
RJC06S B 103 M
RJC06S B 203 M
RJC06S B 503 M
RJC06S B 104 M
RJC06S B 204 M
RJC06S B 504 M
RJC06S B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
RJC06X Through-Hole, X Terminal Style, Single-Slot, Side Adjust
RJC06X B 100 K
RJC06X B 200 K
RJC06X B 500 K
RJC06X B 101 K
RJC06X B 201 K
RJC06X B 501 K
RJC06X B 102 K
RJC06X B 202 K
RJC06X B 502 K
RJC06X B 103 K
RJC06X B 203 K
RJC06X B 503 K
RJC06X B 104 K
RJC06X B 204 K
RJC06X B 504 K
RJC06X B 105 K
RJC06X B 100 M
RJC06X B 200 M
RJC06X B 500 M
RJC06X B 101 M
RJC06X B 201 M
RJC06X B 501 M
RJC06X B 102 M
RJC06X B 202 M
RJC06X B 502 M
RJC06X B 103 M
RJC06X B 203 M
RJC06X B 503 M
RJC06X B 104 M
RJC06X B 204 M
RJC06X B 504 M
RJC06X B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
RJC06 Series
RJC06W
RJC06S
RJC06X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com