Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2535CT Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # MBR2535CT
Description  25A Dual Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBR2535CT Datasheet(HTML) 1 Page - Silicon Standard Corp.

  MBR2535CT Datasheet HTML 1Page - Silicon Standard Corp. MBR2535CT Datasheet HTML 2Page - Silicon Standard Corp. MBR2535CT Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.SiliconStandard.com
1 of 3
12/03/2006 Rev.4.01
MBR/B25xxCT Series
25A Dual Schottky Rectifiers
Rating at 25°C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Voltage ratings available from 35 to 60 Volts
PRODUCT SUMMARY
FEATURES
Plastic packages have Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal-silicon junction, majority carrier conduction
Low power loss, high efficiency
Guard-ring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C for 10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: JEDEC TO-220AB (MBR...) or ITO-220AB (MBRB...) molded plastic body - for dimensions, see page 3
Terminals: Matte-Sn plated leads, solderable per MIL-STD-750, method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
Pb-free; RoHS-compliant
Parameter
Symbol
MBR2535CT MBR2545CT MBR2550CT MBR2560CT
Units
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
5
35
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
WV
M
W
R
5
35
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
5
35
40
50
6s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
T
t
a
t
C
30°C
1
=
e
c
i
v
e
d
l
a
t
o
T
g
e
l
r
e
P
I
)
V
A
(
F
25
12.5
s
p
m
A
g
e
l
r
e
p
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
v
i
t
i
t
e
p
e
r
k
a
e
Pt
aV
d
e
t
a
r
(
R
.
q
s
,
20kHz) at T
wave
C
30
1
=
oC
I
M
R
F
0
3
s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
g
e
l
r
e
p
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5
1s
p
m
A
t
t
a
g
e
l
r
e
p
t
n
e
r
r
u
c
e
g
r
u
s
e
s
r
e
v
e
r
e
v
i
t
i
t
e
p
e
r
k
a
e
P
p =
0
.
2 u
z
H
K
1
,
s
I
M
R
R
0
.
15
.
0s
p
m
A
V
d
e
t
a
r
(
e
g
n
a
h
c
f
o
e
t
a
r
e
g
a
t
l
o
V
R)t
d
/
v
d0
0
0
,
0
1/
V us
ote 1)
N
(
g
e
l
r
e
p
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
V
F
t
l
o
V
at I F=12.5A, Tc=25°C
0.75
-
at IF=12.5A, Tc=125°C
-
0.65
at I F=25A, Tc=25° C
0.82
-
at IF=25A, Tc=125°C
0.73
-
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
1)
e
t
o
N
(
g
e
l
r
e
p
T
C
5
2
=
oC
I
R
0.2
1.0
mA
T
C
5
2
1
=
o C
40
50
g
e
l
r
e
p
e
s
a
c
o
t
n
o
i
t
c
n
u
j
m
o
r
f
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
R
θ C
J
1.5
°C/W
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Pulse test: 300us pulse width, 1% duty cycle
MBRB2535CT
MBRB2545CT
MBRB2550CT MBRB2560CT
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%


Similar Part No. - MBR2535CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2535CT MOTOROLA-MBR2535CT Datasheet
82Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
30 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
logo
General Semiconductor
MBR2535CT GE-MBR2535CT Datasheet
72Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2535CT MCC-MBR2535CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2535CT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
logo
Shindengen Electric Mfg...
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
logo
Won-Top Electronics
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT_06 Datasheet
50Kb / 4P
25A DUAL SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
25A Automotive Rectifiers
ARS2505 TAITRON-ARS2505 Datasheet
130Kb / 4P
25A Automotive Rectifiers
logo
Frontier Electronics.
BJ25-005 FRONTIER-BJ25-005 Datasheet
123Kb / 2P
25A BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com