Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2060CT Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # MBR2060CT
Description  20A Dual Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBR2060CT Datasheet(HTML) 2 Page - Silicon Standard Corp.

  MBR2060CT Datasheet HTML 1Page - Silicon Standard Corp. MBR2060CT Datasheet HTML 2Page - Silicon Standard Corp. MBR2060CT Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.SiliconStandard.com
2 of 3
RATINGS AND CHARACTERISTIC CURVES
MBR/B20xxCT Series
12/03/2006 Rev.4.01
(TA = 25°C unless otherwise noted )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com