Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W10 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # W10
Description  Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

W10 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  W10 Datasheet HTML 1Page - Silicon Standard Corp. W10 Datasheet HTML 2Page - Silicon Standard Corp. W10 Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
07/04/2007 Rev.1.00
www.SiliconStandard.com
2
RB154
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
1
5
1
B
R2
5
1
B
R3
5
1
B
R4
5
1
B
R5
5
1
B
R6
5
1
B
R7
5
1
B
R
s
t
i
n
U
5
0
0
W1
0
W2
0
W4
0
W6
0
W8
0
W0
1
W
M
5
0
0
WM
1
0
WM
2
0
WM
4
0
WM
6
0
WM
8
0
WM
0
1
W
G
5
0
0
WG
1
0
WG
2
0
WG
4
0
WG
6
0
WG
8
0
WG
0
1
W
M
G
5
0
0
WM
G
1
0
WM
G
2
0
WM
G
4
0
WM
G
6
0
WM
G
8
0
WM
G
0
1
W
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
A
0
5
=
oCI
)
V
A
(
F
5
.
1s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s)
I
M
S
F
0
0
.
0
5
M
G
x
x
x
W
&
G
x
x
x
W
,
x
5
1
B
R
,
0
.
0
4
M
x
x
x
W
r
o
x
x
x
Ws
p
m
A
A
5
7
.
0
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
d
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
.
x
a
MV
F
0
.
1t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
t
n
e
m
e
l
e
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
I
R
0
.
0
1
0
0
5
@
M
x
x
x
W
,
x
x
x
W
,
x
5
1
B
R
(T
A
0
0
1
=
o
@
M
G
x
x
x
W
r
o
G
x
x
x
W
,
CT
A
5
2
1
=
oC)
uA
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
6
3
3
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
M
G
x
x
x
W
&
G
x
x
x
W
,
x
5
1
B
R
,
5
2
1
+
o
t
5
5
-
M
x
x
x
W
r
o
x
x
x
W
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2 x 0.2" (5 x 5mm) copper pads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com