Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS14L Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS14L
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS14L Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS14L Datasheet HTML 1Page - Silicon Standard Corp. SS14L Datasheet HTML 2Page - Silicon Standard Corp. SS14L Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS12L thru SS115L
08/22/2007 Rev.1.00
www.SiliconStandard.com
3
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
20
10
5
2
1
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
160
1.2
1.0
0.8
0.6
0.4
0.2
0
LEAD TEMPERATURE. ( C)
o
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
FIG.5- TYPICAL JUNCTION CAPACITANCE
T = 100
C
O
J
T= 7
5 C
J
O
T=
25 C
J
O
100
50
20
10
5
2
1
0.1
1.0
10
100
1000
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
FIG.4- TYPICAL REVERSE CHARACTERISTICS
10,000
1,000
100
10
1
0.1
0
20
40
60
80
100
120
140
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
8.3ms Single
Half Sine Wave
Tj=Tj max
SS13L-SS14L
SS12L
SS19L-SS110L
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SS15L-SS16L
SS115L
RATINGS AND CHARACTERISTIC CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com