Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS25 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS25
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS25 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS25 Datasheet HTML 1Page - Silicon Standard Corp. SS25 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS22-SS215
SCHOTTKY BARRIER RECTIFIERS
04/05/2007 Rev.1.00
www.SiliconStandard.com
1
PRODUCT SUMMARY
2.0 AMPS Surface Mount
FEATURES
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
MECANICAL DATA
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.093gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
o
C ambient temperature unless otherwise specified.
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
(Note 1)
IF= 2.0A @ 25
oC
@ 100
oC
VF
0.5
0.4
0.70
0.65
0.85
0.70
0.95
0.80
V
0.4
0.1
Maximum DC Reverse Current
@ TA =25
oC at
Rated DC Blocking Voltage
@ TA=125
oC
IR
10
5.0
mA
mA
Typical Junction Capacitance (Note 3)
Cj
130
pF
Typical Thermal Resistance ( Note 2 )
R θJL
R θJA
17
75
o
C/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.4” x 0.4”(10mm x 10mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Type Number
Symbol SS
22
SS
23
SS
24
SS
25
SS
26
SS
29
SS
210
SS
215
Units
Pb-free; RoHS-compliant
Dimensions in inches and (millimeters)
.083(2.10)
.077(1.95)
.012(.31)
.006(.15)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.147(3.73)
.137(3.48)
.187(4.75)
.167(4.25)
.103(2.61)
.078(1.99)
.209(5.30)
.201(5.10)
SMB/DO-214AA


Similar Part No. - SS25

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS25 ZOWIE-SS25 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS25 JGD-SS25 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS25 SSE-SS25 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS25 GE-SS25 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS25 MCC-SS25 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SS25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com