Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3F3 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 3F3
Description  Material specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

3F3 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  3F3 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 3F3 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 3F3 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 3F3 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
177
Ferroxcube
Material specification
3F3
3F3 SPECIFICATIONS
A medium frequency power material for use in power
and general purpose transformers at frequencies of
0.2 - 0.5 MHz.
SYMBOL
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
2000
±20%
µa
100
°C; 25 kHz;
200 mT
≈ 4000
B25
°C; 10 kHz;
1200 A/m
≈ 440
mT
100
°C; 10 kHz;
1200 A/m
≈ 370
PV
100
°C; 100 kHz;
100 mT
≤80
kW/m3
100
°C; 400 kHz;
50 mT
≤150
ρ
DC; 25
°C
≈ 2
Ωm
TC
≥200
°C
density
≈ 4750
kg/m3
handbook, halfpage
CBW481
110
10
2
10 4
f (MHz)
µ' ,
s µ''s
10 3
10 2
10
10 1
3F3
µ''s
µ'
s
Fig.1
Complex permeability as
a function of frequency.
handbook, halfpage
5000
50
50
250
0
CBW455
150
1000
2000
3000
4000
µ
i
T ( C)
o
3F3
Fig.2
Initial permeability as a
function of temperature.
Fig.3 Typical B-H loops.
handbook, halfpage
25
500
0
MBW015
150
100
200
300
400
25
250
50
0
H (A/m)
B
(mT)
3F3
25oC
100oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com