Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4B2 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 4B2
Description  Material specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

4B2 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  4B2 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 4B2 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 4B2 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
232
Ferroxcube
Material specification
4B2
4B2 SPECIFICATIONS
Medium permeability NiZn ferrite for use in RF tuning,
especially antenna rods in RFID transponders in
automotive applications, and wideband and balun
transformers.
SYMBOL
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
250
± 20 %
B25
°C; 10 kHz;
3000 A/m
≈ 360
mT
100
°C; 10 kHz;
3000 A/m
≈ 310
tan
δ/µi
25
°C; 3 MHz;
0.25 mT
≤ 300 × 10−6
αF
≤10 kHz; 0.25 mT;
−40 to 25 °C(−1 ± 4) × 10−6
K−1
−10 to 55 °C(−1 ± 4) × 10−6
0to25
°C(−2.5 ± 4) × 10−6
25 to 55
°C(2 ± 4) × 10−6
25 to 85
°C(0.5 ± 4) × 10−6
ρ
DC; 25
°C
≈ 105
Ωm
TC
≥ 335
°C
density
≈ 4600
kg/m3
Fig.1
Complex permeability as
a function of frequency.
handbook, halfpage
1
MFP116
10
102
10
3
1
10 3
10
f (MHz)
µ' ,
s µ''s
4B2
10
2
µ's
µ''
s
Fig.2
Initial permeability as a
function of temperature.
handbook, halfpage
500
50
100
500
0
MFP117
300
100
200
300
400
µ
i
T ( C)
o
4B2
0
Fig.3 Typical B-H loops.
handbook, halfpage
100
200
2000
500
0
MFP118
1000
100
200
300
400
100
0
H (A/m)
B
(mT)
4B2
25 oC
100 oC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com