Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4M2 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 4M2
Description  Material specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

4M2 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  4M2 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 4M2 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 4M2 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
255
Ferroxcube
Material specification
4M2
4M2 SPECIFICATIONS
Low permeability specialty NiZn ferrite only used in
large toroids and machined products mainly for
scientific particle accelerators operating at frequencies
up to 10 MHz.
SYMBOL
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
140
±20%
B25
°C; 10 kHz;
3000 A/m
≈ 310
mT
100
°C; 10 kHz;
3000 A/m
≈ 270
ρ
DC; 25
°C
≈ 105
Ωm
TC
≥ 200
°C
density
≈ 5000
kg/m3
handbook, halfpage
1
MBW446
10
102
10
3
1
10 3
10
f (MHz)
µ' ,
s µ''s
4M2
10
2
µ's
µ''
s
Fig.1
Complex permeability as
a function of frequency.
handbook, halfpage
500
50
50
250
0
MBW447
150
100
200
300
400
µ
i
T (oC)
4M2
Fig.2
Initial permeability as a
function of temperature.
handbook, halfpage
100
200
2000
500
0
MBW448
1000
100
200
300
400
100
0
H (A/m)
B
(mT)
4M2
25 oC
100 oC
Fig.3 Typical B-H loops.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com