Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6550COTB Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6550COTB
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550COTB Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6550COTB Datasheet HTML 4Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 5Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 6Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 7Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 8Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 9Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 10Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 11Page - Silicon Standard Corp. SS6550COTB Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.SiliconStandard.com
8 of 13
SS6550
n BLOCK DIAGRAM
10
Q3
5
VIN
REF
FB
REF
REF
GND
LX
SHDN
BP
C hip Supply
C ontrol Logic
Selection
Frequency
SYNC
RT
O scillator
500KHz
+
-
C ompensation
S lope
C urrent Limit
C omparator
C urrent AMP .
+
-
X 5
0.75V
REF
Zero C ross
C omparator
C omparator
A nti-
Shoot-
Through
+
-
+
-
VIN
Control
PWM/PFM
PFM
+
-
C omparator
PWM
AMP .
Error
+
-
P hase
Compensation
FB
Q1
x1
Q1
X20
n PIN DESCRIPTIONS
PIN 1: VIN-
Supply voltage input. Input range
from +2.5V to +5.5V. Bypass with a
10µF capacitor.
PIN 2: BP-
Supply bypass pin, internally con-
nected to VIN. Bypass with a 0.1µF
capacitor. Do not connect to an ex-
ternal power source other than VIN.
PIN 3: SHDN - Active-low, shutdown-control input.
Reduces supply current to 0.1µA in
shutdown.
PIN 4: FB-
Feedback input.
PIN 5: RT-
Frequency adjustable pin. Connect a
resistor from this pin to GND to de-
crease the frequency.
PIN 6: SYNC/MODE- Oscillator sync and low-noise,
mode-control Input.
SYNC/MODE = VIN (Forced PWM
mode)
SYNC/MODE = GND (PWM/PFM
mode)
An external clock signal connected
to this pin allows for LX switching
synchronization.
PIN 7: GND-
Ground.
PIN 8: LX-
Inductor connection to the drains of
the internal power MOSFETs
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com