Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6563-CSTR Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6563-CSTR
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563-CSTR Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6563-CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
SS6563
APPLICATION EXAMPLES
(Continued)
16V~25V
+
C3
1
µF
C4
470
µF
+
C1
100
µF
C2
470pF
RB
13K
RA
1K
RS
0.22
D1
1N5819
D1
1N5819
L1
300
µH
SS6563
8
7
6
5
4
3
2
1
BOOST
FB
GND
IS
DC
DE
CF
VCC
+
5V
12V/1A
VIN
Fig. 3 Step-Down Converter with External 5V Bootstrap
D1
BOOST
SS6563
IS
8
7
6
5
4
3
2
1
FB
VCC
L1
200
µH
RB
47K
RA
2K2
C1
C0
CT
680pF
RS
0.22
VOUT
VIN
28V/200mA
1N5819
100
µF
220
µF
+
+
R1
150
DC
DE
GND
CF
8~16V
Line Regulation
VIN = 8V~16V @ IO=200mA
100mV
Load Regulation
VIN = 12V, @ IO=80mA~200mA
40mV
Fig. 4 Step-Up Converter
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com