Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X22C12D Datasheet(PDF) 7 Page - Xicor Inc.

Part # X22C12D
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C12D Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X22C12D Datasheet HTML 3Page - Xicor Inc. X22C12D Datasheet HTML 4Page - Xicor Inc. X22C12D Datasheet HTML 5Page - Xicor Inc. X22C12D Datasheet HTML 6Page - Xicor Inc. X22C12D Datasheet HTML 7Page - Xicor Inc. X22C12D Datasheet HTML 8Page - Xicor Inc. X22C12D Datasheet HTML 9Page - Xicor Inc. X22C12D Datasheet HTML 10Page - Xicor Inc. X22C12D Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
X22C12
7
Recall Cycle Limits
Symbol
Parameter
Min.
Max.
Units
tRCC
Array Recall Time
1
µs
tRCP(7)
Recall Pulse Width
90
ns
tRCZ
Recall to Output in High Z
50
ns
tORC
Output Active from End of Recall
0
ns
tARC
Recalled Data Access Time from End of Recall
120
ns
3817 PGM T10
RECALL
DATA I/O
tRCZ
tORC
tRCP
tARC
CS
ADDRESS
tRCC
Recall Cycle
3817 FHD F06
Note:
(7)
RECALL rise time must be less than 1
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com