Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X22C10PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X22C10PI
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C10PI Datasheet(HTML) 1 Page - Xicor Inc.

  X22C10PI Datasheet HTML 1Page - Xicor Inc. X22C10PI Datasheet HTML 2Page - Xicor Inc. X22C10PI Datasheet HTML 3Page - Xicor Inc. X22C10PI Datasheet HTML 4Page - Xicor Inc. X22C10PI Datasheet HTML 5Page - Xicor Inc. X22C10PI Datasheet HTML 6Page - Xicor Inc. X22C10PI Datasheet HTML 7Page - Xicor Inc. X22C10PI Datasheet HTML 8Page - Xicor Inc. X22C10PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
X22C10
1
Nonvolatile Static RAM
© Xicor, Inc. 1991,1995 Patents Pending
Characteristics subject to change without notice
3815-2.4 7/26/96 T0/CO/D3 SH
FEATURES
• High Performance CMOS
—120ns RAM Access Time
• High Reliability
—Store Cycles: 1,000,000
—Data Retention: 100 Years
• Low Power Consumption
—Active: 40mA Max.
—Standby: 100
µA Max.
• Infinite Array Recall, RAM Read and Write Cycles
• Nonvolatile Store Inhibit: VCC = 3.5V Typical
• Fully TTL and CMOS Compatible
• JEDEC Standard 18-Pin 300-mil DIP
• 100% Compatible with X2210
—With Timing Enhancements
DESCRIPTION
The X22C10 is a 64 x 4 CMOS NOVRAM featuring a
high-speed static RAM overlaid bit-for-bit with a non-
volatile E2PROM. The NOVRAM design allows data to
be easily transferred from RAM to E2PROM (STORE)
and from E2PROM to RAM (RECALL). The STORE
operation is completed within 5ms or less and the
RECALL is completed within 1
µs.
Xicor NOVRAMs are designed for unlimited write opera-
tions to the RAM, either RECALLs from E2PROM or
writes from the host. The X22C10 will reliably endure
1,000,000 STORE cycles. Inherent data retention is
greater than 100 years.
NONVOLATILE E
2
PROM
MEMORY ARRAY
ROW
SELECT
STATIC RAM
MEMORY ARRAY
COLUMN SELECT
INPUT
DATA
CONTROL
CONTROL
LOGIC
VCC
VSS
COLUMN
I/O CIRCUITS
STORE
RECALL
I/O1
I/O2
I/O3
I/O4
CS
WE
A3
A4
A5
ARRAY
RECALL
STORE
A0
A1
A2
3815 FHD F01
256 Bit
X22C10
64 x 4
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
3815 FHD F02
PLASTIC DIP
CERDIP
NC
A4
A3
A2
A1
A0
CS
VSS
STORE
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VCC
NC
A5
I/O4
I/O3
I/O2
I/01
WE
X22C10
RECALL
3815 FHD F08.1
A4
A3
A2
A1
A0
CS
VSS
STORE
1
VCC
A5
I/O4
I/O3
I/O2
I/O1
WE
RECALL
X22C10
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SOIC
SOIC


Similar Part No. - X22C10PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
Nonvolatile Static RAM
X22C12D XICOR-X22C12D Datasheet
60Kb / 12P
Nonvolatile Static RAM
X22C12DI XICOR-X22C12DI Datasheet
60Kb / 12P
Nonvolatile Static RAM
X22C12DM XICOR-X22C12DM Datasheet
60Kb / 12P
Nonvolatile Static RAM
X22C12DMB XICOR-X22C12DMB Datasheet
60Kb / 12P
Nonvolatile Static RAM
More results

Similar Description - X22C10PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
Nonvolatile Static RAM
X24C44 XICOR-X24C44 Datasheet
60Kb / 15P
Serial Nonvolatile Static RAM
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
Nonvolatile Static RAM
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com