Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6577 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. SS6577 Datasheet HTML 10Page - Silicon Standard Corp. SS6577 Datasheet HTML 11Page - Silicon Standard Corp. SS6577 Datasheet HTML 12Page - Silicon Standard Corp. SS6577 Datasheet HTML 13Page - Silicon Standard Corp. SS6577 Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.SiliconStandard.com
11 of 14
SS6577
Rev.1.02 3/26/2004
return to its designed value when the peak inductor
value no longer exceeds over current protection
point.
Over Voltage Protection
Over voltage protection occurs when the FB pin
voltage (the negative input of error amplifier) ex-
ceeds 0.855V. The over voltage comparator will
force driver to pull low until output over voltage is
removed.
PCB Layout
Since operating at a high switching frequency,
500KHz, proper PCB layout and component place-
ment may enhance the performance of the SS6577
application circuit. For a better efficiency, major loop
from input terminal to output terminal should be as
short as possible. In addition, in the case of a large
current loop, the track width of each component in
the loop should maintain as wide as possible.
In order to prevent the effect from noise, the GND
pin should be placed close to the ground. Also keep
the IC’s GND pin and the ground leads in the short-
est distance. Recommended layout diagrams and
component placement are as shown as figures 13
to 16. No sensitive components, which may cause
noise interference to the circuit, should be allowed
to be close to SW pin.
Furthermore, the SS6577 is a current-mode controller.
Keeping
the sense resistor close to both VIN and
CS pins is recommended for better efficiency and
output performance. In addition, all filtering and de-
coupling capacitors, such as C1 and C2, should
connect to the SS6577 as close as possible.
Fig. 12 Top Layer
Fig. 13 Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com