Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6577CSTR Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS6577CSTR
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577CSTR Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS6577CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
14 of 14
SS6577
Rev.1.02 3/26/2004
MSOP 8 (CO)
SYMBOL
MIN
MAX
A
0.76
0.97
A1
--
0.20
B
0.28
0.38
C
0.13
0.23
D
2.90
3.10
E
2.90
3.10
e
0.65
H
4.80
5.00
L
0.40
0.66
D
H
e
A
B
C
E
L
PHYSICAL DIMENSIONS (unit: mm)
8 LEAD PLASTIC SO (CS)
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com