Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6578 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6578
Description  High-Efficiency, Step-Down DC/DC Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6578 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6578 Datasheet HTML 1Page - Silicon Standard Corp. SS6578 Datasheet HTML 2Page - Silicon Standard Corp. SS6578 Datasheet HTML 3Page - Silicon Standard Corp. SS6578 Datasheet HTML 4Page - Silicon Standard Corp. SS6578 Datasheet HTML 5Page - Silicon Standard Corp. SS6578 Datasheet HTML 6Page - Silicon Standard Corp. SS6578 Datasheet HTML 7Page - Silicon Standard Corp. SS6578 Datasheet HTML 8Page - Silicon Standard Corp. SS6578 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.SiliconStandard.com
4 of 11
SS6578
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Frequency & Duty Cycle vs. VIN
VIN ( V)
55
60
65
70
75
80
85
90
Duty
4
6
8
10
12
14
16
18
20
TA = 27
°C
Frequency
0
50
10
15
20
25
30
0
35
Temperature (
°C)
Fig. 2
Duty Cycle vs.Temperature
VIN=5V
0
20
40
60
80
60
65
70
75
80
85
90
VIN=20V
VIN=13V
Temperature (
°C)
Fig. 3
Frequency vs. Temperature
0
10
20
30
40
50
60
70
90
140
190
240
290
VIN=5V
VIN=13V
VIN=20V
RDUTY (MΩ)
Fig. 4
Duty Cycle vs. RDUTY
0
1
2
3
4
60
70
80
90
10
VIN=20V
VIN=10V
VIN=15V
VIN=5V
RDUTY refer to Typ. App.
Circuit.
VIN (V)
Fig. 5
Shutdown Current vs. VIN
20
4
6
8
10
12
14
16
18
0
5
10
15
20
TA=0°C
TA=25°C
TA=70°C
VIN (V)
Fig. 6
Quiescent Current vs. VIN
4
6
8
10
12
14
16
18
20
60
70
80
90
100
110
TA= 25°C
TA= 70°C
TA= 0°C
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com