Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6578CSTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6578CSTR
Description  High-Efficiency, Step-Down DC/DC Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6578CSTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6578CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6578CSTR Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.SiliconStandard.com
7 of 11
SS6578
APPLICATION EXAMPLES
(Continued)
Q1
D3
1N4148
C2
D2
D1
SS32
SS32
*L1
33
µH
*RS
1M
1M
R4
C3
C1
100
µF
C4
*:Sumida MPP Core
VBATT
+
10
µF
330
µF
35V
1K
+
+
CS+
CS-
DRI
DUTY
FB
GND
VIN
VIN
5~8V
RDUTY
SS6578
PEAK
1
VBT
2
DIS
3
VTS
4
VCC
5
ADJ
6
SEL3
7
TMR
8
MODE
9
SEL2
10
SEL1
11
GND
12
LED1
13
LED2
14
ICON
15
DSW
16
U2
SS6781
R8
240K
R9
100K
BAT1
R10
100K
+
C9
4.7
µF
C7
0.1
µF
C10
47nF
R15
680
R3
510
R2
20/5W
SW1
PB SW
R12
100K
R16
680
R17
680
R14
200K
C8
0.1
µF
+
C11
100
µF
RX
100K
R11
240K
RY
100K
C6
0.1
µF
R13
470K
Q2
MMBT2222A
LED2
GREEN
LED3
RED
LED1
YELLOW
Q3
9014
+
+
78L05
U3
VIN
VOUT
GND
C12
1
µF
C13
10
µF
U1
R1
R7
**
SHDN
R6
VIN>15V, R7=15Ω
VIN≤15V, R7=0Ω
0.1
µF
NOTE:
RS =0.1
Ω, charge current =0.5A ±10%, VIN>VBATT +3.5V
RS =0.05Ω, charge current =1A±10%, VIN>VBATT +4V
RS =0.033Ω, charge current =1.5A ±10%, VIN>VBATT +4.5V
Efficiency>90%, measured at CS- node
3~5 NiMH/NiCd Cells
Fig. 9 Battery Charger Circuit with High-Side Current-Sensing Constant Current Source
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11