Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6578CSTB Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6578CSTB
Description  High-Efficiency, Step-Down DC/DC Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6578CSTB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6578CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6578CSTB Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.SiliconStandard.com
10 of 11
SS6578
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS-
7
CS+
8
U2 SS6578
R8
12K
R9
3K9
C2
0.1
µF
+VOUT, 5V/2A
Rs
20mR
+
C4
1500
µF/6.3V
D2
SS32
+
C5
470
µ/16V
+VIN
12V
L2
33
µH
Q2
D3
6.8V
R6
680
FUSE1
Fast 3A
Fig 12. Add a Fast Fuse Solution
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS- 7
CS+
8
U2
SS6578
R8
12K
R9
3K9
C2
0.1
µF
+VOUT, 5V/2A
Rs
20mR
+
C4
1500
µF
6.3V
D2
SS32
+
C5
470
µF
+VIN 12V
L2 33
µH
Q2
D3
6.8V
R6
680
R1
240K
C1
1
µ
Q1
PNP
R2
10K
D1
LL4148
Short Circuit Protection
mmbt3906
16V
Fig 13. Add A Short Circuit Protection Circuit Solution
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com