Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6580L Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6580L
Description  Step-Down DC/DC Controller with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6580L Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6580L Datasheet HTML 1Page - Silicon Standard Corp. SS6580L Datasheet HTML 2Page - Silicon Standard Corp. SS6580L Datasheet HTML 3Page - Silicon Standard Corp. SS6580L Datasheet HTML 4Page - Silicon Standard Corp. SS6580L Datasheet HTML 5Page - Silicon Standard Corp. SS6580L Datasheet HTML 6Page - Silicon Standard Corp. SS6580L Datasheet HTML 7Page - Silicon Standard Corp. SS6580L Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS6580/L
Step-Down DC/DC Controller with Shutdown
n FEATURES
l
Operating Voltage up to 15V.
l
Simple Voltage-Mode PWM Control.
l
Fast Transient Response.
l
2V and 1.3V
± 2% Feedback Voltage Reference
Options.
l
Adjustable Current Limit without External Sense
Resistors.
l
200 KHz Switching Oscillator.
l
Short-Circuit Protection with Low Short-Circuit
Output Current.
l
Low Shutdown Current
l
Built-in Soft Start.
n APPLICATIONS
l
Power Supply for Motherboard VGTL (1.5V Output)
l
Power Supply for Motherboard VI/O.
l
High-Power 5V to 3.xV DC/DC Regulators.
l
Low-Voltage Distributed Power Supplies.
n DESCRIPTION
The SS6580 is a high-power, high-efficiency
voltage-mode switching regulator controller for
motherboard VI/O power supply applications.
Designed to drive an N-channel MOSFET in a
standard buck topology, the SS6580 features
a
high
voltage
CMOS
output
driver
with
short-circuit protection in an 8-pin package.
An external 4-bit Digital-to-Analog Converter (DAC)
can be used along with the SS6580 to adjust
the output voltage from 2.0V to 3.5V in 0.1V
increments. Table 1 on the following page
specifies the corresponding output voltage for 16
combinations of DAC inputs as shown in the
typical application circuit.
The 200 KHz switching frequency allows the use
of small external components while maintaining
high conversion efficiency. The 11MHz bandwidth
and the 6V/
µS slew rate of the error amplifier
ensure high converter bandwidth and fast transient
response.
The
SS6580
provides
both
adjustable
over-current and adjustable short-circuit protection
by sensing the output current across the on-
resistance of the external N-channel MOSFET,
rather than an external low value sense resistor.
The SS6580L provides a lower reference
voltage (1.30V) than the default SS6580
(2.00V) for lower VOUT requirements.
Rev.2.01 6/26/2003


Similar Part No. - SS6580L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS65 FRONTIER-SS65 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS65 ASEMI-SS65 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS65-LFR FRONTIER-SS65-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
USB High-Side Power Switch
More results

Similar Description - SS6580L

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
Step-Down DC/DC Controller with Shutdown
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
Step-Down DC-DC Controller
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com