| Electronic Components Datasheet Search |
|
X24320PI Datasheet(PDF) 6 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24320PI Datasheet(HTML) 6 Page - Xicor Inc. |
|
6 / 17 page ![]() X24320 6 Figure 6. Page Write Sequence WRITE OPERATIONS Byte Write For a write operation, the device requires the Slave Address Byte, the Word Address Byte 1, and the Word Address Byte 0, which gives the master access to any one of the words in the array. Upon receipt of the Word Address Byte 0, the device responds with an acknowl- edge, and waits for the first eight bits of data. After receiving the 8 bits of the data byte, the device again responds with an acknowledge. The master then terminates the transfer by generating a stop condition, at which time the device begins the internal write cycle to the nonvolatile memory. While the internal write cycle is in progress the device inputs are disabled and the device will not respond to any requests from the master. The SDA pin is at high impedance. See figure 5. Page Write The device is capable of a thirty-two byte page write operation. It is initiated in the same manner as the byte write operation; but instead of terminating the write operation after the first data word is transferred, the master can transmit up to thirty-one more words. The device will respond with an acknowledge after the receipt of each word, and then the byte address is internally incremented by one. The page address remains constant. When the counter reaches the end of the page, it “rolls over” and goes back to the first byte of the current page. This means that the master can write 32 words to the page beginning at any byte. If the master begins writing at byte 16, and loads 32 words, then the first 16 words are written to bytes 16 through 31, and the last 16 words are written to bytes 0 through 15. Afterwards, the address counter would point to byte 16. If the master writes more than 32 words, then the previously loaded data is overwritten by the new data, one byte at a time. The master terminates the data byte loading by issuing a stop condition, which causes the device to begin the nonvolatile write cycle. As with the byte write operation, all inputs are disabled until completion of the internal write cycle. Refer to figure 6 for the address, acknowledge, and data transfer sequence. S T A R T SLAVE ADDRESS S T O P A C K A C K A C K A C K A C K DATA (0) SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE (n) WORD ADDRESS BYTE 1 WORD ADDRESS BYTE 0 0 S P DATA 1 0 1 0 (0 ≤n≤31) 7035 FM 08 Figure 5. Byte Write Sequence SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE S T A R T SLAVE ADDRESS S T O P A C K A C K A C K A C K WORD ADDRESS BYTE 1 DATA 1 0 1 0 0 WORD ADDRESS BYTE 0 S P 7035 FM 07 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |