Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP640 Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HFP640
Description  200V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP640 Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HFP640 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP640 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
◎ SEMIHOW REV.A0,July 2005
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
EAS =LL IAS2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
Vin
VDS
10%
90%
td(on)
tr
t on
t off
td(off)
tf
Charge
VGS
10V
Qg
Qgs
Qgd
VDD
VDS
BVDSS
t p
VDD
IAS
VDS (t)
ID (t)
Time
VDD
( 0.5 rated VDS )
10V
VDS
RL
DUT
RG
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
10V
DUT
RG
L
I D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com