Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP830 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFP830
Description  500V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP830 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP830 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP830 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,June 2005
2
1
3
BV
DSS = 500 V
R
DS(on) typ = 1.2 Ω
I
D = 4.5 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 18 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 1.2 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
TO-220
1.Gate 2. Drain 3. Source
HFP830
500V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
500
V
I
D
Drain Current
– Continuous (T
C = 25℃)
4.5
A
Drain Current
– Continuous (T
C = 100℃)
2.9
A
I
DM
Drain Current
– Pulsed
(Note 1)
18
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
270
mJ
I
AR
Avalanche Current
(Note 1)
4.5
A
E
AR
Repetitive Avalanche Energy
(Note 1)
7.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
73
W
0.58
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
1.71
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5
June 2005


Similar Part No. - HFP830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFP830 ETC2-HFP830 Datasheet
76Kb / 1P
N-Channel Enhancement Mode Field Effect Transistor
logo
SHANTOU HUASHAN ELECTRO...
HFP830 HUASHAN-HFP830 Datasheet
398Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - HFP830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
FQP2N50 FAIRCHILD-FQP2N50 Datasheet
717Kb / 8P
500V N-Channel MOSFET
FQP4N50 FAIRCHILD-FQP4N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
FQPF1N50 FAIRCHILD-FQPF1N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com