Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS2N60S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS2N60S
Description  600V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS2N60S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS2N60S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS2N60S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS2N60S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS2N60S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS2N60S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS2N60S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS2N60S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,Nov 2007
BVDSS = 600 V
RDS(on) typ = 4.2 Ω
ID = 2.0 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 6.0 nC (Typ.)
Extended Safe Operating Area
Lower RDS(ON) : 4.2 Ω (Typ.) @VGS=10V
100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
TC=25℃ unless otherwise specified
1.Gate 2. Drain 3. Source
HFS2N60S
600V N-Channel MOSFET
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
– Continuous (TC = 25℃)
2.0*
A
Drain Current
– Continuous (TC = 100℃)
1.35*
A
IDM
Drain Current
– Pulsed
(Note 1)
8.0*
A
VGS
Gate-Source Voltage
±
30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
IAR
Avalanche Current
(Note 1)
2.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25℃)
- Derate above 25
℃
23
W
0.18
W/℃
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
5.5
℃/W
RθJA
Junction-to-Ambient
--
62.5
Nov 2007
2
1
3
TO-220F
* Drain current limited by maximum junction temperature


Similar Part No. - HFS2N60S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS2N60 SEMIHOW-HFS2N60 Datasheet
752Kb / 7P
600V N-Channel MOSFET
HFS2N60F SEMIHOW-HFS2N60F Datasheet
251Kb / 9P
600V N-Channel MOSFET
HFS2N60FS SEMIHOW-HFS2N60FS Datasheet
189Kb / 7P
600V N-Channel MOSFET
HFS2N60FS SEMIHOW-HFS2N60FS_16 Datasheet
216Kb / 7P
600V N-Channel MOSFET
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HFS2N60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com