Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS2N70S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS2N70S
Description  700V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS2N70S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS2N70S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS2N70S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS2N70S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS2N70S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS2N70S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS2N70S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS2N70S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,Dec 2009
BV
DSS = 700 V
R
DS(on) typ = 5.0 Ω
I
D = 1.6 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 6.2 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 5.0 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
1.Gate 2. Drain 3. Source
HFS2N70S
700V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
700
V
I
D
Drain Current
– Continuous (T
C = 25℃)
1.6*
A
Drain Current
– Continuous (T
C = 100℃)
1.0*
A
I
DM
Drain Current
– Pulsed
(Note 1)
6.4*
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
62
mJ
I
AR
Avalanche Current
(Note 1)
1.6
A
E
AR
Repetitive Avalanche Energy
(Note 1)
4.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25
℃
28
W
0.22
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
4.46
℃/W
RθJA
Junction-to-Ambient
--
62.5
Dec 2009
2
1
3
TO-220F
* Drain current limited by maximum junction temperature


Similar Part No. - HFS2N70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS2N60 SEMIHOW-HFS2N60 Datasheet
752Kb / 7P
600V N-Channel MOSFET
HFS2N60F SEMIHOW-HFS2N60F Datasheet
251Kb / 9P
600V N-Channel MOSFET
HFS2N60FS SEMIHOW-HFS2N60FS Datasheet
189Kb / 7P
600V N-Channel MOSFET
HFS2N60FS SEMIHOW-HFS2N60FS_16 Datasheet
216Kb / 7P
600V N-Channel MOSFET
HFS2N60S SEMIHOW-HFS2N60S Datasheet
419Kb / 7P
600V N-Channel MOSFET
More results

Similar Description - HFS2N70S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
700V N-Channel MOSFET
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
700V N-Channel MOSFET
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
700V N-Channel MOSFET
logo
Bruckewell Technology L...
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
700V N-Channel MOSFET
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com