Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP20-600 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTP20-600
Description  600V 20A TRIACThe
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP20-600 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTP20-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP20-600 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Performance Curves
Fig 2.On-State Voltage
On-state Voltage (V)
10
0
10
1
10
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Fig 1. Gate Characteristics
Gate Current (mA)
10
1
10
0
10
-1
10
1
10
2
10
3
RMS On-State Current (A)
Fig 3. Gate Trigger Voltage
vs. Junction Temperature
Junction Temperature (℃)
10
1
0.1
-50
0
50
100
150
Fig 4. On State Current
vs. Maximum Power Dissipation
20
18
16
14
12
10
8
6
4
2
0
4
8
12
16
24
0
20
Fig 5. On State Current
vs. Allowable Case Temperature
RMS On-State Current (A)
4
8
16
20
130
110
90
70
60
0
80
100
120
12
24
Time (Cycles)
10
0
10
1
10
2
240
200
120
40
0
Fig 6. Surge On-State Current
Rating (Non-Repetitive)
180
80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com