Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C45PI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24C45PI
Description  Serial AUTOSTORE??NOVRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C45PI Datasheet(HTML) 5 Page - Xicor Inc.

  X24C45PI Datasheet HTML 1Page - Xicor Inc. X24C45PI Datasheet HTML 2Page - Xicor Inc. X24C45PI Datasheet HTML 3Page - Xicor Inc. X24C45PI Datasheet HTML 4Page - Xicor Inc. X24C45PI Datasheet HTML 5Page - Xicor Inc. X24C45PI Datasheet HTML 6Page - Xicor Inc. X24C45PI Datasheet HTML 7Page - Xicor Inc. X24C45PI Datasheet HTML 8Page - Xicor Inc. X24C45PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
X24C45
5
Figure 1. RAM Read
3833 FHD F09.1
Figure 2. RAM Write
3833 FHD F10.1
Figure 3. Non-Data Operations
3833 FHD F11.1
1
CE
2345678
1A
1
AAA
1
X*
SK
DI
9
1011
12222324
D1
D2
D3
D14
D15
D0
D13
DO
HIGH Z
*Bit 8 of Read Instructions is Don’t Care
D0
1
CE
2345678
1A
1
AAA
1
SK
DI
9
1011
21222324
D0
D1
D2
D12
D13
D14
D15
0
1
CE
2345678
1X
I2
XXX
I1
I0
SK
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com