Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSH5027AF Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSH5027AF
Description  High Voltage and High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSH5027AF Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSH5027AF Datasheet HTML 1Page - SemiHow Co.,Ltd. KSH5027AF Datasheet HTML 2Page - SemiHow Co.,Ltd. KSH5027AF Datasheet HTML 3Page - SemiHow Co.,Ltd. KSH5027AF Datasheet HTML 4Page - SemiHow Co.,Ltd. KSH5027AF Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Voltage and High Reliability
KSH5027AF
High Voltage and High Reliability
- High Speed Switching
- Wide SOA
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector Emitter Voltage
VCBO
V
1100
800
V
V
Absolute Maximum Ratings TC=25℃ unless otherwise noted
TO-220F
1. Base
2. Collector
3. Emitter
3 Amperes
NPN Silicon Power Transistor
50 Watts
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
VCEO
VEBO
IC
ICP
IB
PC
TJ
TSTG
800
7
3
10
1.5
40
150
-55~150
V
V
A
A
A
W
℃
℃
1 2
3
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=1mA, IE=0
1100
V
Collector-Emitter Breakdown Voltage
VCEO
IC=5mA, IB=0
800
V
Emitter-Base Breakdown Voltage
VEBO
IE=1mA, IE=0
7
V
Electrical Characteristics TC=25℃ unless otherwise noted
Collector-Emitter Sustaining Voltage
ICEX(sus)
IC=1.5A, IB1=-IB2=0.3A
L=2mH, Clamped
800
V
Collector Cut0off Current
ICBO
VCB=800V,IE=0
10
㎂
Emitter Cutoff Current
IEBO
VEB=5V,IC=0
10
㎂
DC Current Gain
hFE1
hFE2
VCE=5V,IC=0.2A
VCE=5V,IC=1A
10
8
40
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1.5A,IB=0.3A
2
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1.5A,IB=0.3A
1.5
V
Output Capacitance
Cob
VCB=10V,IE=0, f=0.1MHz
60
㎊
Current Gain Bandwidth Product
fT
VCE=10V,IC=0.2A
15
㎒
Turn on Time
ton
Vcc=400V, Ic=5A
IB1=-2.5A, IB2=2A
RL=200Ω
0.5
㎲
Storage Time
tstg
3.0
㎲
Fall Time
tf
0.3
㎲
◎ SEMIHOW REV.A0,Oct 2007
Fall Time
tf
0.3
㎲
Note : h
FE1 Classification
R
:10 ~ 20,
O
: 15 ~ 30,
Y
: 20 ~ 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com