| Electronic Components Datasheet Search |
|
X25021 Datasheet(PDF) 2 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X25021 Datasheet(HTML) 2 Page - Xicor Inc. |
|
2 / 14 page ![]() X25021 2 PIN DESCRIPTIONS Serial Output (SO) SO is a push/pull serial data output pin. During a read cycle, data is shifted out on this pin. Data is clocked out by the rising edge of the serial clock. Serial Input (SI) SI is the serial data input pin. All opcodes, byte ad- dresses, and data to be written to the memory are input on this pin. Data is latched by the falling edge of the serial clock. Serial Clock (SCK) The Serial Clock controls the serial bus timing for data input and output. Opcodes, addresses, or data present on the SI pin are latched on the falling edge of the clock input, while data on the SO pin change after the rising edge of the clock input. Chip Select ( CS) When CS is HIGH, the X25021 is deselected and the SO output pin is at high impedance and unless an internal write operation is underway, the X25021 will be in the standby power mode. CS LOW enables the X25021, placing it in the active power mode. It should be noted that after power-up, a HIGH to LOW transition on CS is required prior to the start of any operation. Write Protect ( WP) When WP is LOW, nonvolatile writes to the X25021 are disabled, but the part otherwise functions normally. When WP is held HIGH, all functions, including nonvola- tile writes operate normally. WP going LOW while CS is still LOW will interrupt a write to the X25021. If the internal write cycle has already been initiated, WP going LOW will have no affect on a write. Hold ( HOLD) HOLD is used in conjunction with the CS pin to select the device. Once the part is selected and a serial sequence is underway, HOLD may be used to pause the serial communication with the controller without resetting the serial sequence. To pause, HOLD must be brought LOW while SCK is HIGH. To resume communication, HOLD is brought HIGH, again while SCK is HIGH. If the pause feature is not used, HOLD should be held HIGH at all times. PIN CONFIGURATION PIN NAMES Symbol Description CS Chip Select Input SO Serial Output SI Serial Input SCK Serial Clock Input WP Write Protect Input VSS Ground VCC Supply Voltage HOLD Hold Input 6615 PGM T01 6615 FHD F02 CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI DIP/SOIC X25021 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |