Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS10N65S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS10N65S
Description  650V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS10N65S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS10N65S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS10N65S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS10N65S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS10N65S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS10N65S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS10N65S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS10N65S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.A0,Sep 2009
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
V
GS, Gate-Source Voltage [V]
V
SD, Source-Drain Voltage [V]
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
I
D, Drain Current[A]
V
GS = 10V
V
GS = 20V
* Note : T
J = 25
oC
0
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
* Note : I
D = 9.2A
V
DS = 325V
V
DS = 130V
V
DS = 520V
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
∗ Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com