Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6641-ACOTR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6641-ACOTR
Description  Low Voltage Step-Up DC/DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641-ACOTR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6641-ACOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6641-ACOTR Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.SiliconStandard.com
9 of 13
SS6641

APPLICATION INFORMATION
45-567 56&0 &-
6342 *#, = 6 >
0"   &
 ) =D > &    
$   6 9  9
) )  
) &     9  
)9  ) 9  )
     )
6
342$.&
. & ,'
#1 
*#,
)&
 6 
    6  
9)9)9
2<.
+   ) 9   
 & 2-.    
 ,' #1      & 
8;µ7;µ1,' #1 
    9    
1,' #1
 

9       
      9   
      
1 
      &9   
1&9)
&
   9    

9 6
1 $    6 
       
(9*#, 
      
"
      
.


1

)0&
2
2
2
2
2













,
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com