Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6641-27CSTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6641-27CSTR
Description  Low Voltage Step-Up DC/DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641-27CSTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6641-27CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6641-27CSTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.SiliconStandard.com
6 of 13
SS6641

$"
TYPICAL PERFORMANCE CHARACTERISTICS!+






























  6 
 



















 


















$  6 %# !!"µ
 









          

















  6 ! "# $  %
 

 

 


  6 "#$%

          




















 




          






















 6 !µ
 

 

 



          


















"  6#$ !
 

 
 

Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com