Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI321611-R82 Datasheet(PDF) 5 Page - Productwell Precision Elect.CO.,LTD

Part # MI321611-R82
Description  MULTILAYER CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MI321611-R82 Datasheet(HTML) 5 Page - Productwell Precision Elect.CO.,LTD

  MI321611-R82 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD MI321611-R82 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD MI321611-R82 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MI321611-R82 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MI321611-R82 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MI321611-R82 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MI SERIES
MULTILAYER CHIP INDUCTORS
l ELECTRICAL SPECIFICATION
INDUCTANCE
Q
TEST
FREQ
S.R.F
FREQ
DC
RESISTANCE
RATED
CURRENT
PART NO.
(
μH )
MIN
(MHz)
(MHz)MIN.
(
Ω)MAX
(mA)MAX
MI321611-1R5
Ο
1.5
±20%
45
10
60
0.50
50
MI321611-1R8
Ο
1.8
±20%
45
10
55
0.50
50
MI321611-2R2
Ο
2.2
±20%
45
10
50
0.60
50
MI321611-2R7
Ο
2.7
±20%
45
10
45
0.60
50
MI321611-3R3
Ο
3.3
±20%
45
10
41
0.70
50
MI321611-3R9
Ο
3.9
±20%
45
10
38
0.80
50
MI321611-4R7
Ο
4.7
±20%
45
10
35
0.90
50
MI321611-5R6
Ο
5.6
±20%
50
4
32
0.70
25
MI321611-6R8
Ο
6.8
±20%
50
4
29
0.80
25
MI321611-8R2
Ο
8.2
±20%
50
4
26
0.90
25
MI321611-100
Ο
10
±20%
50
2
24
1.00
25
MI321611-120
Ο
12
±20%
50
2
22
1.05
15
MI321611-150
Ο
15
±20%
35
1
19
0.70
5
MI321611-180
Ο
18
±20%
35
1
18
0.70
5
MI321611-220
Ο
22
±20%
35
1
16
0.90
5
MI321611-270
Ο
27
±20%
35
1
14
0.90
5
MI321611-330
Ο
33
±20%
35
0.4
13
1.05
5
MI321611-390
Ο
39
±20%
40
2
11
3.00
10
MI321611-470
Ο
47
±20%
40
2
10
3.40
10
MI321611-560
Ο
56
±20%
40
2
9.5
3.80
4
1.
47NMEANS 47nH or 0.047uH
2.
:MEANS THE INDUCTANCE TOLERANCE.M=±20%,K=±10%,J=±5%
3.
Ο:MEANS PACKAGING STYLE
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com