Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H101 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # H101
Description  CARRON FILM TRIMMER POTENTIOMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

H101 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  H101 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號): CARRON FILM TRIMMER POTENTIOMETER--------H101[x] [x] [x] H1
► Download PDF file
Features:(特點):
Compact design with a good space factor
Applications(作用):
For volume controls, electronic tuning and brightness control in radio , headphone
stereo,liquidcrystal TV set,personal computer, CD-ROM,ect.
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
100
Ω - 3.5MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±20% or ±30%
Ratings power(w) [ 額定功率 ]
0.1W
Resistance taper [ 阻抗變化特性 ]
Taper B
Residual resistance [殘留阻值]
全阻值3%
ΩMAX
Max. operating voltage [最高使用電壓]
AC 200V
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 回轉力矩 ]
30~250gf . cm
Rotation stopper strength [ 止動強度 ]
0.8Kgf . cm Min.
Total rotational angle [
回轉角度]
240 ±10°
Endurance Characteristics [ 耐久性能 ]
Rotational life [
回轉壽命 ]
50 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - H101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H101 ETC2-H101 Datasheet
55Kb / 1P
High Temperature Thermostat
logo
Littelfuse
H101001 LITTELFUSE-H101001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
H101002 LITTELFUSE-H101002 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
H101003 LITTELFUSE-H101003 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
ITT Industries
H10107RR01Q ITT-H10107RR01Q Datasheet
190Kb / 3P
Power ROTA-SLIDE Rotary Switches
More results

Similar Description - H101

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
H06M101H1 PRODUCTWELL-H06M101H1 Datasheet
123Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H06M101V1 PRODUCTWELL-H06M101V1 Datasheet
127Kb / 2P
CARRON FILM TRIMMER POTENTIOMETER
H06P PRODUCTWELL-H06P Datasheet
265Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H08C PRODUCTWELL-H08C Datasheet
116Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H515 PRODUCTWELL-H515 Datasheet
131Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H06CV1 PRODUCTWELL-H06CV1 Datasheet
152Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H06PXXXV1 PRODUCTWELL-H06PXXXV1 Datasheet
334Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H08CHA PRODUCTWELL-H08CHA Datasheet
153Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H08CHD PRODUCTWELL-H08CHD Datasheet
117Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
H08CHG PRODUCTWELL-H08CHG Datasheet
120Kb / 1P
CARRON FILM TRIMMER POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com