Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25C02 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X25C02
Description  SPI Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25C02 Datasheet(HTML) 3 Page - Xicor Inc.

  X25C02 Datasheet HTML 1Page - Xicor Inc. X25C02 Datasheet HTML 2Page - Xicor Inc. X25C02 Datasheet HTML 3Page - Xicor Inc. X25C02 Datasheet HTML 4Page - Xicor Inc. X25C02 Datasheet HTML 5Page - Xicor Inc. X25C02 Datasheet HTML 6Page - Xicor Inc. X25C02 Datasheet HTML 7Page - Xicor Inc. X25C02 Datasheet HTML 8Page - Xicor Inc. X25C02 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
X25C02
3
PRINCIPLES OF OPERATION
The X25C02 is a 256 x 8 E2PROM designed to interface
directly with the synchronous serial peripheral interface
(SPI) of many popular microcontroller families.
The X25C02 contains an 8-bit instruction register. It is
accessed via the SI input, with data being clocked in on
the rising SCK.
CS must be LOW and the HOLD and WP
inputs must be HIGH during the entire operation.
Table 1 contains a list of the instructions and their
opcodes. All instructions, addresses and data are trans-
ferred MSB first.
Data input is sampled on the first rising edge of SCK after
CS goes LOW. SCK is static, allowing the user to stop
the clock and then resume operations. If the clock line is
shared with other peripheral devices on the SPI bus, the
user can assert the
HOLD input to place the X25C02 into
a “PAUSE” condition. After releasing
HOLD, the X25C02
will resume operation from the point when
HOLD was
first asserted.
Write Enable (WREN) and Write Disable (WRDI)
The X25C02 contains a “write enable” latch. This latch
must be SET before a write operation will be completed
internally. The WREN instruction will set the latch and
the WRDI instruction will reset the latch. This latch is
automatically reset upon a power-up condition and after
the completion of a byte or page write cycle. The latch is
also reset if
WP is brought LOW.
Table 1. Instruction Set
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
READ
0000 0011
Read Data from Memory Array beginning at selected ad-
dress
WRITE
0000 0010
Write Data to Memory Array beginning at Selected Address
(1 to 4 Bytes)
3843 PGM T02
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com