Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMB360-140/70 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # QMB360-140/70
Description  MOLDED PARTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

QMB360-140/70 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  QMB360-140/70 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOLDED PARTS
Qualtek Electronics
QMB
HEAT SHRINKABLE MEDIUM VOLTAGE BREAKOUT
UP TO 36kV
Features/Applications
Medium voltage breakouts are made from radiation cross-linked
polyolefin. This specially designed material performs exceptionally
as an electrical insulator. The material will not crack and is UV
resistant, weather proof and flame retardant. These breakouts can
be safely used in protecting cable ends up to 36kV from flashover
or surges created while working with switchgear and transformer
boxes.
Technical Data
Product Dimensions
Typical Data
T
y
t
r
e
p
o
r
P
est Method
Operating Temperature
Tensile Strength
Tensile Strength After Thermal Aging (120°C, 168 hrs.)
Elongation at Break
Elongation at Break After Thermal Aging (120°C, 168 hrs.)
Water Absorption
Volume Resistance
Dielectric Strength
Tracking Resistance
13
-55°C to +105°C
8 MPa min.
7 MPa min.
300% min.
200% min.
1% max.
10
Ω.cm (min.)
20 kV / mm (min.)
Non-tracking
IEC 216
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
ISO 62
IEC 93
IEC 243
ASTM D 2303
QMB 320-60/24
QMB 330-80/38
QMB 340-110/50
QMB 350-125/57
QMB 360-140/70
QMB 370-170/77
60
80
110
125
140
170
Part
Number
a (Min.)
D (mm)
24
38
50
57
70
77
45
57
65
57
70
80
25
35
46
55
62
75
8
11
17.5
20
26
28
180
210
250
260
280
280
l (mm)
a (Min.)
L (mm)
Recovered Length
± 10%
Recovered Wall
± 10%
b (Max.)
b (Max.)
F (mm)
Dw (mm)
lw (mm)
2.5
4.0
4.0
4.0
4.0
4.0
3.0
4.0
4.0
4.0
4.0
4.0
Notes:
(a) as supplied
(b) after recovery
Operating temperature: -55°C to +105°C
Minimum shrink temperature: 110°C
Full Recovery Temperature: 120°C
Standard color: Red
RoHS Compliant
ISO-9001 Company
www.qualtekusa.com
QMB-200C


Similar Part No. - QMB360-140/70

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QMB361HW SCHNEIDER-QMB361HW Datasheet
88Kb / 2P
30A-Blank 4.5 Inch 3P 600VAC Fusible Switch
Apr 6, 2020
QMB361TW SCHNEIDER-QMB361TW Datasheet
86Kb / 2P
30A-30A 4.5 Inch 3P 600VAC Fusible Switch
QMB362HW SCHNEIDER-QMB362HW Datasheet
88Kb / 2P
60A-Blank 6 Inch 3P 600VAC Fusible Switch
QMB362T21W SCHNEIDER-QMB362T21W Datasheet
98Kb / 2P
60A-30A 6 Inch 3P 600VAC Fusible Switch
QMB362THEW SCHNEIDER-QMB362THEW Datasheet
57Kb / 2P
SW,FUSIBLE BRNCH QMB 60A 3P TWIN CHICAGO
Jun 17, 2021
More results

Similar Description - QMB360-140/70

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
MOLDED PARTS
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
MOLDED PARTS
QLB QUALTEK-QLB Datasheet
649Kb / 1P
MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
logo
Tyco Electronics
013055-000 MACOM-013055-000 Datasheet
116Kb / 1P
MOLDED PARTS SEPCIFICATION CONTROL DRAWING
022965-000 MACOM-022965-000 Datasheet
150Kb / 2P
Molded Parts Customer Drawing
024285-000 MACOM-024285-000 Datasheet
208Kb / 1P
Molded Parts Specification Control Drawing
2-1190520-4 MACOM-2-1190520-4 Datasheet
159Kb / 1P
Thermofit Molded Parts
301A011THRU048 MACOM-301A011THRU048 Datasheet
133Kb / 1P
MOLDED PARTS SPECIFICATION CONTROL DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com