Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25F047P Datasheet(PDF) 6 Page - Xicor Inc.

Part # X25F047P
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047P Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X25F047P Datasheet HTML 2Page - Xicor Inc. X25F047P Datasheet HTML 3Page - Xicor Inc. X25F047P Datasheet HTML 4Page - Xicor Inc. X25F047P Datasheet HTML 5Page - Xicor Inc. X25F047P Datasheet HTML 6Page - Xicor Inc. X25F047P Datasheet HTML 7Page - Xicor Inc. X25F047P Datasheet HTML 8Page - Xicor Inc. X25F047P Datasheet HTML 9Page - Xicor Inc. X25F047P Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
X25F047
6
Figure 5. Sector Program Operation Sequence
Figure 6. Program Status Operation Sequence
32 33 34 35 36 37 38 39
SCK
SI
CS
0
1
2
3
4
5
6
7
8
9
10
SCK
SI
PROGRAM
INSTRUCTION
BYTE ADDRESS
(2 BYTE)
7
6
5
4
3
2
1
0
CS
40 41 42 43 44 45 46 47
DATA BYTE 2
7
6
5
4
3
2
1
0
DATA BYTE 3
7
6
5
4
3
2
1
0
15 14 13
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30 31
6
5
4
3
2
1
0
7005 FRM 07.3
DATA BYTE 16
DATA BYTE 1
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
PROGRAM STATUS
INSTRUCTION
10 11 12 13 14 15
7005 ILL F08.2
BLOCK LOCK
PROTECTION BYTE
B
L
1
B
L
0
B
L
2
0
0
0
0
0
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ...................–65
°C to +135°C
Storage Temperature ........................–65
°C to +150°C
Voltage on any Pin with
Respect to VSS.................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com