Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6802AGSTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6802AGSTR
Description  TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6802AGSTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6802AGSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
02/26/2008 Rev.1.00
www.SiliconStandard.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Temperature (
°C)
Fig. 5
Supply Current vs. Temperature
0
10
2030405060
70
-10
-20
8.5
9.5
10.5
11.5
12.5
VCC=7V
VC=3.5V
Temperature (
°C)
Fig. 6
Power-Down Current vs. Temperature
0
1020
3040
50
60
70
-10
-20
0.5
0.7
0.9
1.1
VCC=4.8V
VC=2.4V
Temperature (
°C)
-20
-10
0
10
20
30
40506070
2.395
2.400
2.405
2.410
2.415
2.420
Fig. 7 Overdischarge Protection Voltage vs. Temperature
Fig. 8
Overcharge
Release Voltage vs. Temperature
Temperature (
°C)
-20
-10
0
10
2030
40
5060
70
4.005
4.010
4.015
4.020
4.025
Temperature (
°C)
70
Fig. 9
Overdischarge Release Voltage vs. Temperature
-20
-10
0
1020
30
4050
6070
3.005
3.010
3.015
3.020
3.025
SS6802



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com