Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HT512 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X28HT512
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT512 Datasheet(HTML) 5 Page - Xicor Inc.

  X28HT512 Datasheet HTML 1Page - Xicor Inc. X28HT512 Datasheet HTML 2Page - Xicor Inc. X28HT512 Datasheet HTML 3Page - Xicor Inc. X28HT512 Datasheet HTML 4Page - Xicor Inc. X28HT512 Datasheet HTML 5Page - Xicor Inc. X28HT512 Datasheet HTML 6Page - Xicor Inc. X28HT512 Datasheet HTML 7Page - Xicor Inc. X28HT512 Datasheet HTML 8Page - Xicor Inc. X28HT512 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X28HT512
5
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(2)
Power-up to Read Operation
100
µs
tPUW(2)
Power-up to Write Operation
5
ms
6614 PGM T05
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(2)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(2)
Input Capacitance
10
pF
VIN = 0V
6614 PGM T06
ENDURANCE AND DATA RETENTION
Parameter
Min.
Max.
Units
Endurance
10,000
Cycles per Byte
Data Retention
100
Years
6614 PGM T11
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
6614 PGM T07
MODE SELECTION
CE
OE
WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and
High Z
Standby
Write Inhibit
X
L
X
Write Inhibit
—
—
X
X
H
Write Inhibit
—
—
6614 PGM T08
Note:
(2) This parameter is periodically sampled and not 100%
tested.
EQUIVALENT A.C. LOAD CIRCUIT
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
6614 FHD F22.2
5V
1.92K
Ω
100pF
OUTPUT
1.37K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com