Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8000G Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS8000G
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000G Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS8000G Datasheet HTML 6Page - Silicon Standard Corp. SS8000G Datasheet HTML 7Page - Silicon Standard Corp. SS8000G Datasheet HTML 8Page - Silicon Standard Corp. SS8000G Datasheet HTML 9Page - Silicon Standard Corp. SS8000G Datasheet HTML 10Page - Silicon Standard Corp. SS8000G Datasheet HTML 11Page - Silicon Standard Corp. SS8000G Datasheet HTML 12Page - Silicon Standard Corp. SS8000G Datasheet HTML 13Page - Silicon Standard Corp. SS8000G Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.SiliconStandard.com
12 of 14
SS8000G
APPLICATION INFORMATION (cont.)
Charge Detection
The SS8000 charger block has a detection circuit that
determines via the CHRIN pin if an adapter has been
connected. If the adapter voltage exceeds the battery
voltage by 3.75%, the CHRDET output will go high. If
the adapter is then removed and the voltage at the
CHRIN pin drops to only 2.5% above the VBAT pin,
CHRDET goes low.
Pre-Charging mode
When the battery voltage is below the UVLO threshold,
the charge current is in the pre-charging mode. There
are two steps in this mode. While the battery voltage is
deeply discharged below 2V, a 10mA trickle current from
the SS8000 charges the battery. When the battery
voltage exceeds 2V, the pre-charge current is enabled,
which allows 10mV (typically) across the external cur-
rent sense resistor. This pre-charge current can be cal-
culated:
1
R
mV
10
1
R
V
I
SENSE
CHARGING
_
PRE
=
=
(2)
Constant Current Charging Mode
Once the battery voltage has exceeded the UVLO
threshold, the charger will switch to the constant current
charging mode. The SS8000 allows 160mV (typically)
across the external current sense resistor. This constant
current can be calculated.
1
R
mV
160
1
R
V
I
SENSE
CONSTANT
=
=
(3)
If the battery voltage is below 4.2V when charging a
Li-ion battery (5.1V for a NiMH battery), the constant
current charging mode is used.
Constant Voltage Charging Mode
This mode only applies to Li-ion battery charging. If the
battery has reached the final charge voltage, a constant
voltage is applied to the battery and keeps it at 4.2V.
This termination of charging is determined by the base-
band chip internally, which will pull the CHRCNTL low to
stop the charger.
Once the battery voltage exceeds 4.3V for a Li-ion bat-
tery (5.1V for a NiMH battery), a hardware over-voltage
protection (OV) should be activated to turn off the
charger block of the SS8000.
Pulsed Charging Algorithm
The SS8000 provide a pulsed top-off charging algo-
rithm via the CHRCNTL pin. The control signal from the
baseband chipset limits the charging duty cycle. This
charging
algorithm
combines
the
efficiency
of
switch-mode chargers with the simplicity and low cost of
linear chargers.
Battery Voltage Monitor
As Table 2 shows, the relationship between battery
voltage and charger control with the corresponding sig-
nals is listed. When Vbat <3.2V, an UVB signal is active
low. When Vbat >/= 4.3V, an OV signal is active and
charging is halted.
Table 2. Charger and Voltage Detection
Vbat
Charger_on
Chr_cntl
Chr_Det
Output
-UV
Batuse
Charger
Condition
Any Vbat
L
X
L
X
X
No-Charging
Vbat > 3.2V
X
L
X
X
X
No-Charging
Vbat < UV
H
X
H
L
X
Pre-Charging
3.2V<Vbat<4.2V
H
H
H
H
L
CC mode
Vbat = 4.2V
H
H
H
H
L
CV mode
3.2V<Vbat
H
H
H
H
H
CC mode
Notes: OV terminates charging at 4.3V for Li-ion battery or 5.1V for NiMH battery.
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com