Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8039H293TCTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8039H293TCTR
Description  Microprocessor Voltage Monitor with Manual Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039H293TCTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8039H293TCTR Datasheet HTML 1Page - Silicon Standard Corp. SS8039H293TCTR Datasheet HTML 2Page - Silicon Standard Corp. SS8039H293TCTR Datasheet HTML 3Page - Silicon Standard Corp. SS8039H293TCTR Datasheet HTML 4Page - Silicon Standard Corp. SS8039H293TCTR Datasheet HTML 5Page - Silicon Standard Corp. SS8039H293TCTR Datasheet HTML 6Page - Silicon Standard Corp. SS8039H293TCTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
Rev.2.02 1/06/2004
SS8039
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the SS8039H
and SS8039L are relatively immune to short-duration
negative-going VCC transients (glitches).
Figure1 shows typical transient durations, vs. the reset
comparator overdrive, for which both the SS8039H and
SS8039L do not generate a reset pulse. The graph was
generated using a negative-going pulse applied to VCC,
starting 0.5V above the actual reset threshold and ending
below it by the magnitude indicated (reset comparator
overdrive). The graph indicates the maximum pulse width
a negative-going VCC transient can have without causing a
reset pulse. As the magnitude of the transient increases
(goes farther below the reset threshold), the maximum
allowable pulse width decreases. For the SS8039x463
and SS8039x438, a VCC transient that goes 100mV below
the reset threshold and lasts 15µs or less will not typically
cause a reset pulse. A 0.1µF bypass capacitor mounted
as close as possible to the VCC pin provides additional
transient immunity.
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 1V, the SS8039 RESET output no
longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC below
1V. However, in applications where RESET must be
valid down to 0V, adding a pull-down resistor to RESET
causes any stray leakage currents to flow to ground,
holding RESET low (Figure 2). R1’s value is not critical;
100k
Ω is large enough not to load RESET and small
enough to pull RESET to ground.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal supply
voltages. This ensures a reset will not occur within 5% of
the nominal supply, but will occur when the supply is
10% below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or
may not be asserted.
The SS8039x uses highly accurate circuitry to ensure that
reset is asserted close to the 5% limit, and long before the
supply has declined to 10% below nominal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com