Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS62003CNTB Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS62003CNTB
Description  Seven-Channel Darlington Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS62003CNTB Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS62003CNTB Datasheet HTML 1Page - Silicon Standard Corp. SS62003CNTB Datasheet HTML 2Page - Silicon Standard Corp. SS62003CNTB Datasheet HTML 3Page - Silicon Standard Corp. SS62003CNTB Datasheet HTML 4Page - Silicon Standard Corp. SS62003CNTB Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SiliconStandard.com
3 of 5
SS62003
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified.)
 !!
" #$%
!
&'(
!$)''$)
') "
* +)'
! . %
6
0@/0+@/°
0@/0+@-°

/
µ,
 (#
"  #0  %
0
@6,+@/µ,
@,+@/µ,
@/,+@/µ,

A
6
66
6
6/
0

 
 

B
0 @/0
@/µ,+@-°
/
A
7/
6/
,
µ,
  %
0 /
0@0+@,
0@0+@/,
0@0+@,

B
/
0
  # 

6/
/

!& '

/( /(
/
6
µ"
& '

/( /(
/
6
µ"
 &#
 . %
7
0@/0+@/°
0@/0+@-°

/
µ,
µ,
 &#
) 0  %
0-
@/,
6B
6
0
TEST CIRCUITS



µ













=

&,-
&,
Rev.2.02 7/06/2004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com