Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84041PI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X84041PI
Description  Micro Port Saver E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041PI Datasheet(HTML) 5 Page - Xicor Inc.

  X84041PI Datasheet HTML 1Page - Xicor Inc. X84041PI Datasheet HTML 2Page - Xicor Inc. X84041PI Datasheet HTML 3Page - Xicor Inc. X84041PI Datasheet HTML 4Page - Xicor Inc. X84041PI Datasheet HTML 5Page - Xicor Inc. X84041PI Datasheet HTML 6Page - Xicor Inc. X84041PI Datasheet HTML 7Page - Xicor Inc. X84041PI Datasheet HTML 8Page - Xicor Inc. X84041PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X84041
5
D.C. OPERATING CHARACTERISTICS (VCC = 5V ±10%)
(Over the recommended operating conditions, unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
mA
OE = VIL, WE = VIH,
I/O = Open,
CE clocking @ 2MHz
ICC2
VCC Supply Current (Write)
3
mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB
VCC Standby Current
50
µA
CE = VCC, Other Inputs = VCC or VSS
VCC = 5V ±10%
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VlL (1)
Input LOW Voltage
–1
VCC x 0.3
V
VIH (1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA, VCC = 5V ±10%
VOH
Output HIGH Voltage
VCC – 0.8
V
IOH = –1mA, VCC = 5V ±10%
2704 PGM T04.3
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this speci-
fication is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Terminal Voltage with
Respect to VSS ....................................... –1V to +7V
DC Output Current ............................................... 5mA
Lead Temperature (Soldering, 10 seconds) ...... 300
°C
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
2704 PGM T02.2
† Contact factory for availability.
Supply Voltage
Limits
X84041
5V
±10%
X84041 – 3
3V
±10%
X84041 – 2.7†
2.7V to 5.5V
2704 PGM T03.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com