Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25F016PI Datasheet(PDF) 14 Page - Xicor Inc.

Part # X25F016PI
Description  SerialFlash??Memory With Block LockTM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F016PI Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X25F016PI Datasheet HTML 8Page - Xicor Inc. X25F016PI Datasheet HTML 9Page - Xicor Inc. X25F016PI Datasheet HTML 10Page - Xicor Inc. X25F016PI Datasheet HTML 11Page - Xicor Inc. X25F016PI Datasheet HTML 12Page - Xicor Inc. X25F016PI Datasheet HTML 13Page - Xicor Inc. X25F016PI Datasheet HTML 14Page - Xicor Inc. X25F016PI Datasheet HTML 15Page - Xicor Inc. X25F016PI Datasheet HTML 16Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
X25F064/032/016/008
PACKAGING INFORMATION
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
14-LEAD PLASTIC, TSSOP PACKAGE TYPE V
See Detail “A”
.031 (.80)
.041 (1.05)
.169 (4.3)
.177 (4.5)
.252 (6.4) BSC
.025 (.65) BSC
.193 (4.9)
.200 (5.1)
.002 (.05)
.006 (.15)
.047 (1.20)
.0075 (.19)
.0118 (.30)
0
° – 8°
.010 (.25)
.019 (.50)
.029 (.75)
Gage Plane
Seating Plane
Detail A (20X)
3926 FHD F32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com