Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88C64PI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X88C64PI
Description  E2 Micro-Peripheral
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64PI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X88C64PI Datasheet HTML 6Page - Xicor Inc. X88C64PI Datasheet HTML 7Page - Xicor Inc. X88C64PI Datasheet HTML 8Page - Xicor Inc. X88C64PI Datasheet HTML 9Page - Xicor Inc. X88C64PI Datasheet HTML 10Page - Xicor Inc. X88C64PI Datasheet HTML 11Page - Xicor Inc. X88C64PI Datasheet HTML 12Page - Xicor Inc. X88C64PI Datasheet HTML 13Page - Xicor Inc. X88C64PI Datasheet HTML 14Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
X88C64
11
WR Controlled Write Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tDVWH
Data Setup Time
50
ns
tWHDX
Data Hold Time
30
ns
tELLL
Chip Enable Setup Time
7
ns
tWLWH
WR Pulse Width
120
ns
tWRS
WR Setup Time
30
ns
tWRH
WR Hold Time
20
ns
tBLC
Byte Load Time (Page Write)
0.5
100
µs
tWC (7)
Write Cycle Time
5
ms
3867 PGM T11
WR Controlled Write Timing Diagram
Note:
(7) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
3867 FHD F07
ALE
A/D0–A/D7
A8–A12
WR
AIN
tDVWH
DIN
tWHDX
tWRH
tWRH
tLHLL
tAVLL
tLLAX
tWRS
tWLWH
ADDRESS
CE
tELLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com