Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM40T03GP Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM40T03GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM40T03GP Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM40T03GP Datasheet HTML 1Page - Silicon Standard Corp. SSM40T03GP Datasheet HTML 2Page - Silicon Standard Corp. SSM40T03GP Datasheet HTML 3Page - Silicon Standard Corp. SSM40T03GP Datasheet HTML 4Page - Silicon Standard Corp. SSM40T03GP Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
N-channel Enhancement-mode Power MOSFET
Low gate-charge
BVDSS
30V
Simple drive requirement
R DS(ON)
25m
Ω
Fast switching
ID
28A
DESCRIPTION
G
D
S
G
D S
TO-263 (S)
G
D
S
TO-220(P)
The SSM40T03GS is in a TO-263 package, which is widely used for
commercial and industrial surface-mount applications. This device is
suitable for low-voltage applications such as DC/DC converters.
The through-hole version, the SSM40T03GP in TO-220, is available for
vertical-mounting, where a small footprint is required on the board, and/or
an external heatsink is to be attached.
ABSOLUTE MAXIMUM RATINGS
Symbol
Units
VDS
VGS
ID @ TC=25°C
ID @ TC=100°C
IDM
PD @ TC=25°C
W/°C
TSTG
TJ
Symbol
Value
Units
RΘJC
Maximum Thermal Resistance Junction-case
4
°C/W
RΘJA
Maximum Thermal Resistance Junction-ambient
62
°C/W
Parameter
Rating
Drain-Source Voltage
30
V
Gate-Source Voltage
±25
V
Continuous Drain Current
28
A
Continuous Drain Current
24
A
Pulsed Drain Current
1
95
A
Total Power Dissipation
31
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.25
THERMAL DATA
Parameter
Storage Temperature Range
Pb-free, RoHS compliant.
SSM40T03GP,S
9/16/2005 Rev.3.1


Similar Part No. - SSM40T03GP

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM40T03GH SSC-SSM40T03GH Datasheet
300Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM40T03GJ SSC-SSM40T03GJ Datasheet
300Kb / 5P
N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM40T03GP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com