Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM630GP Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SSM630GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM630GP Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SSM630GP Datasheet HTML 1Page - Silicon Standard Corp. SSM630GP Datasheet HTML 2Page - Silicon Standard Corp. SSM630GP Datasheet HTML 3Page - Silicon Standard Corp. SSM630GP Datasheet HTML 4Page - Silicon Standard Corp. SSM630GP Datasheet HTML 5Page - Silicon Standard Corp. SSM630GP Datasheet HTML 6Page - Silicon Standard Corp. SSM630GP Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
SSM630GP
8/22/2006 Rev.3.1
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
1
100
10000
111
21
31
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
2
2.5
3
3.5
4
-50
0
50
100
150
T j Junction Temperayure (
o C)
0.01
0.10
1.00
10.00
100.00
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V SD (V)
T j =25
o C
T j =150
o C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
Q G , Total Gate Charge (nC)
I D =9A
V DS =80V
V DS =120V
V DS =160V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com