Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9312WPI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9312WPI
Description  E2POT??Nonvolatile Digital Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9312WPI Datasheet(HTML) 5 Page - Xicor Inc.

  X9312WPI Datasheet HTML 1Page - Xicor Inc. X9312WPI Datasheet HTML 2Page - Xicor Inc. X9312WPI Datasheet HTML 3Page - Xicor Inc. X9312WPI Datasheet HTML 4Page - Xicor Inc. X9312WPI Datasheet HTML 5Page - Xicor Inc. X9312WPI Datasheet HTML 6Page - Xicor Inc. X9312WPI Datasheet HTML 7Page - Xicor Inc. X9312WPI Datasheet HTML 8Page - Xicor Inc. X9312WPI Datasheet HTML 9Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
X9312
5
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3865 PGM T03.1
Supply Voltage
Limits
X9312
5V
±10%
3865 PGM T04.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(4)
Max.
Units
Test Conditions
ICC
VCC Active Current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ max. tCYC
ISB
Standby Supply Current
500
1000
µA
CS = VCC – 0.3V, U/D and INC =
VSS or VCC – 0.3V
ILI
CS, INC, U/D Input
±10
µAVIN = VSS to VCC
Leakage Current
VIH
CS, INC, U/D Input
2
VCC + 1
V
HIGH Voltage
VIL
CS, INC, U/D Input
–1
0.8
V
LOW Voltage
RW
Wiper Resistence
40
100
Ω
Max. Wiper Current
±1mA
VVH
VH Terminal Voltage
0
15
V
VVL
VL Terminal Voltage
0
15
V
CIN(5)
CS, INC, U/D Input
10
pF
VCC = 5V, VIN = VSS,
Capacitance
TA = 25°C, f = 1MHz
3865 PGM T05.3
STANDARD PARTS
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9312Z
1K
Ω
10.1
Ω
40
Ω
X9312W
10K
Ω
101
Ω
40
Ω
X9312U
50K
Ω
505
Ω
40
Ω
X9312T
100K
Ω
1010
Ω
40
Ω
3865 PGM T08.1
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com