Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4507M Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4507M
Description  COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4507M Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4507M Datasheet HTML 1Page - Silicon Standard Corp. SSM4507M Datasheet HTML 2Page - Silicon Standard Corp. SSM4507M Datasheet HTML 3Page - Silicon Standard Corp. SSM4507M Datasheet HTML 4Page - Silicon Standard Corp. SSM4507M Datasheet HTML 5Page - Silicon Standard Corp. SSM4507M Datasheet HTML 6Page - Silicon Standard Corp. SSM4507M Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SSM4507M
Rev.1.01 4/06/2004
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Simple drive requirement
N-Ch
BV DSS
30V
Lower gate charge
R DS(ON)
36m
Ω
Fast switching performance
ID
6.0A
P-Ch
BV DSS
-30V
RDS(ON)
72m
Ω
Description
ID
-4.2A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25°C
Continuous Drain Current
3
6
-4.2
A
ID@TA=70°C
Continuous Drain Current
3
4.8
-3.4
A
IDM
Pulsed Drain Current
1
20
-20
A
PD@TA=25°C
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
°C/W
Parameter
Thermal Data
Advanced Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-
effectiveness.
The SO-8 package is widely preferred for commercial and
industrial surface mount applications and is well suited for
low-voltage applications such as DC/DC converters.
S1
G1
S2
G2
D1
D1
D2
D2
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8


Similar Part No. - SSM4507M

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4507GM SSC-SSM4507GM Datasheet
249Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - SSM4507M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4513M SSC-SSM4513M Datasheet
342Kb / 8P
N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4532M SSC-SSM4532M Datasheet
204Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4565M SSC-SSM4565M Datasheet
452Kb / 8P
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4575M SSC-SSM4575M Datasheet
320Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575 Datasheet
420Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMBDM3590 CENTRAL-CMBDM3590 Datasheet
334Kb / 3P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
R0 9-March 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com