Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM28C040 Datasheet(PDF) 12 Page - Xicor Inc.

Part # XM28C040
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040 Datasheet(HTML) 12 Page - Xicor Inc.

Back Button XM28C040 Datasheet HTML 8Page - Xicor Inc. XM28C040 Datasheet HTML 9Page - Xicor Inc. XM28C040 Datasheet HTML 10Page - Xicor Inc. XM28C040 Datasheet HTML 11Page - Xicor Inc. XM28C040 Datasheet HTML 12Page - Xicor Inc. XM28C040 Datasheet HTML 13Page - Xicor Inc. XM28C040 Datasheet HTML 14Page - Xicor Inc. XM28C040 Datasheet HTML 15Page - Xicor Inc. XM28C040 Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
XM28C040
12
Write Cycle Limits
WE Controlled Write
CE Controlled Write (4)
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWC
Write Cycle Time
10
10
ms
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
125
125
ns
tCS
Write Setup Time
25
0
ns
tCH
Write Hold Time
0
25
ns
tCW
CE Pulse Width
125
100
ns
tOES
OE High Setup Time
10
10
ns
tOEH
OE High Hold Time
10
35
ns
tWP
WE Pulse Width
100
125
ns
tWPH
WE High Recovery
100
100
ns
tDV
Data Valid
1
1
µs
tDS
Data Setup
50
50
ns
tDH
Data Hold
10
35
ns
tDW
Delay to Next Write
10
10
µs
tBLC
Byte Load Cycle
0.3
100
0.3
100
µs
3873 PGM T08.1
WE Controlled Write Cycle
3873 FHD F04
Note:
(4) Due to the inclusion of the decoder IC on board the module the
WE and CE write controlled timings will vary. When utilizing the
CE controlled write operation all the hold timings must be extended by the worst case propagation delay of the decoder. For a
WE controlled write operation CE must be a minimum 125ns to accommodate the additional setup time required.
ADDRESS
tAS
tWC
tAH
tOES
tDV
tDS
tOEH
CE
WE
OE
DATA IN
DATA OUT
HIGH Z
DATA VALID
tCS
tCH
tWP
tWPH
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com